Part Number Hot Search : 
AD8312 SM2233 74AHCT1 74AC11SJ BD451P PC2508 EP3600TS AP8022
Product Description
Full Text Search
 

To Download DP1935D6S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  diesel power module DP1935D6S / dp2056d5s voltages: 1935 kwe / 60 hz / prime - 480v 1755 kwe / 60 hz / continuous - 480v 2056 kva / 50 hz / prime - 400v 1875 kva / 50 hz / continuous - 400v system ratings 60 hz DP1935D6Srw db1755d6srw 50 hz dp2056d5sfw db1875d5sfw voltage (l-l) 480v 480v voltage (l-l) 400v 400v phase 3 3 phase 3 3 pf 0.8 0.8 pf 0.8 0.8 hz 60 60 hz 50 50 kw 1935 1755 kw 1645 1500 kva 2419 2194 kva 2056 1875 amps 2909 2639 amps 2968 2706 skva@30% skva@30% voltage dip 5750 5750 voltage dip 4500 4500 generator model 744rdl4056 744rdl4056 generator model 744rdl4056 744rdl4056 temp rise 105 c/40 c 105 c/40 c temp rise 105 c/40 c 105 c/40 c connection 4 bar wye 4 bar wye connection 4 bar wye 4 bar wye // ? emissions ? fuel optimized // ? generator set is designed and manufactured in facilities certi ed to standards iso 9001:2008 and iso 14001:2004 // ? container ? csc certi ed // ? performance assurance certification (pac) - generator set tested to iso 8528-5 for transient response - veri ed product design, quality and performance integrity - all engine systems are prototype and factory tested // ? power rating - permissible average power output during 24 hours of operation is approved up to 75% for prime rated unit. - permissible average power output during 24 hours of operation is approved up to 100% for continuous rated unit. certifications and standards
2 // / ? / DP1935D6S / dp2056d5s power module // ? engine air cleaners oil pump oil drain extension & s/o valve centrifugal oil filters closed crankcase ventilation jacket water pump thermostats radiator - remote mounted electric starting motor - 24v governor ? electronic isochronous base - formed steel sae flywheel & bell housing charging alternator - 24v battery rack & cables fuel optimized (both 60 hz and 50 hz) // ? generator nema mg1, ieee and ansi standards compliance for temperature rise and motor starting sustained short circuit current of up to 300% of the rated current for up to 10 seconds self-ventilated and drip-proof superior voltage waveform digital, solid state, volts-per-hertz regulator no load to full load regulation brushless alternator with brushless pilot exciter 4 pole, rotating field 105 c maximum temperature rise 2 bearing, sealed close coupling full amortisseur windings 125% rotor balancing 3-phase voltage sensing 0.25% voltage regulation 100% of rated load - one step 5% maximum total harmonic distortion // ? digital control panel(s) digital metering engine/generator protection functions can bus ecu communications multilingual capability programmable contact outputs // ? container 40? high cube iso container rear container double doors three lockable personnel access doors 2,000 liters (550 gallons) ul 142 certi ed diesel fuel tank 60 liters (16 gallons) auxiliary oil tank internally mounted insulated exhaust silencer nema 1 floor-standing generator set breaker panel main line circuit breaker rated at 3200 amps and 65kaic 24 vdc led interior lights with 0-60 minute timer standard equipment* // ? mtu onsite energy is a single source supplier // ? global product support // ? consult factory for speci c warranty terms // ? 16v 4000 diesel engine - 76.3 liter displacement - common rail fuel injection - 4-cycle // ? engine-generator resilient mounted // ? complete range of accessories // ? generator - brushless, rotating field generator - 2/3 pitch windings - pmg (permanent magnet generator) supply to regulator - 300% short circuit capability // ? digital control panel - complete system metering - lcd display // ? cooling system - remote mounted - electrically driven fans standard features* * represents standard product only. consult factory/mtu onsite energy distributor for additional con gurations.
3 // / ? / DP1935D6S / dp2056d5s power module // ? engine manufacturer mtu model 60 hz prime 16v 4000 g83 3b model 60 hz continuous 16v 4000 g83 3a model 50 hz prime 16v 4000 g23 3b model 50 hz continuous 16v 4000 g63 3a type 4-cycle arrangement 16-v displacement: l (cu in) 76.3 (4,656) bore: cm (in) 17 (6.69) stroke: cm (in) 21 (8.27) compression ratio 16.5:1 rated rpm: 60 hz 1,800 rated rpm: 50 hz 1,500 engine governor electronic isochronous (adec) prime max power (110%): 60 hz: kwm (hp) 2,508 (3,362) 50 hz: kwm (hp) 1,978 (2,651) prime rated power (100%): 60 hz: kwm (hp) 2,280 (3,056) 50 hz: kwm (hp) 1,798 (2,410) continuous rated power: 60 hz: kwm (hp) 1,950 (2,614) 50 hz: kwm (hp) 1,635 (2,192) speed regulation 0.25% air cleaner dry // ? liquid capacity (lubrication) total oil system: l (gal) 300 (79.3) total oil change: l (gal) 240 (63.4) engine jacket water capacity: l (gal) 175 (46.2) after cooler water capacity: l (gal) 50 (13.2) system coolant capacity: l (gal) 852 (225) // ? electrical electric volts dc 24 cold cranking amps under -17.8 c (0 f) 2,600 // ? fuel system maximum fuel lift: m (ft) 3 (10) recommended fuel diesel #2 total fuel flow: l/hr (gal/hr) 1,200 (317) // ? fuel consumption 60 hz prime continuous at 100% of power rating: l/hr (gal/hr) 538 (142) 454 (120) at 75% of power rating: l/hr (gal/hr) 397 (105) 352 (93) at 50% of power rating: l/hr (gal/hr) 276 (73) 254 (67) 50 hz prime continuous at 100% of power rating: l/hr (gal/hr) 397 (105) 367 (97) at 75% of power rating: l/hr (gal/hr) 303 (80) 284 (75) at 50% of power rating: l/hr (gal/hr) 212 (56) 201 (53) // ? cooling - radiator system ambient capacity of radiator: c (f) 55 (131) max. restriction of cooling air, intake, and discharge side of rad.: kpa (in. h 2 0) 0.125 (0.5) water pump capacity: l/min (gpm) 1,350 (357) heat rejection to coolant: kw (btum) **840 (47,769) heat rejection to after cooler: kw (btum) **560 (31,846) fan power: kw (hp) 75 (100.5) // ? air requirements aspirating: *(m3/min) scfm **192 (6,780) air flow required for rad. cooled unit: *(m3/min) scfm 2,751 (97,161) * air density = 1.184 kg/m 3 (0.0739 lbm/ft 3 ) // ? exhaust system gas temp. (stack): c (f) **505 (941) gas volume at stack temp: m 3 /min (cfm) **504 (17,799) maximum allowable back pressure: kpa (in. h 2 0) 8.5 (34.1) ** for 60 hz prime rated power application data
4 // / ? / DP1935D6S / dp2056d5s power module ? mtu onsite energy. subject to alteration due to technological advances. 2014-01 rating definitions and conditions // ? prime power and continuous ratings apply to installations where utility power is unavailable or unreliable. at varying load for prime power ratings or non-varying load for continuous ratings, the number of generator set operating hours is unlimited. a 10% overload capacity is available for one hour in twelve for both ratings. ratings are in accordance with iso 8528-1, iso 3046-1, bs 5514, as 2789, and din 6271. // ? deration factor: altitude : consult your local mtu onsite energy power generation distributor for altitude derations. temperature : consult your local mtu onsite energy power generation distributor for temperature derations. weights and dimensions sound data unit type full load - prime full load - continuous power module db(a) c/f c/f system dimensions (l x w x h) weight (wet/no fuel) power module 12,192 x 2,439 x 2,896 mm (480 x 96 x 114 in) 30,546 kg (67,201 lb) drawing above for illustration purposes only. do not use for installation design. product intended for use outside of the united states. materials and speci cations subject to change without notice. c/f = consult factory/mtu onsite energy distributor sound data is provided at 7 m (23 ft). generator set tested in accordance with iso 8528-10 and with in nite exhaust. weights and dimensions are based on open power units and are estimates only. consult the factory for accurate weights and dimen sions for your speci c generator set. 480 96 114 mtu onsite energy a rolls-royce power systems brand www.mtuonsiteenergy.com


▲Up To Search▲   

 
Price & Availability of DP1935D6S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X